Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISUM6003 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISUM6003
Description  FRED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6003 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISUM6003 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6003 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISUM6003 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6003
eq MMF300S120DK2B
FRED Module
www.iscsemi.com
2023-9-2
2
Thermal Characteristics
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.15
℃
/W
Electrical Characteristics(TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VF
Maximum Instantaneous Forward
Voltage
IF= 300A ;TJ=25℃
--
2.8
3.2
V
IF= 300A ;TJ=125℃
--
2
2.4
V
IRM
Reverse Leakage Current
VR= 1200V ;TJ=25℃
--
--
2
mA
VR= 1200V ;TJ=125℃
--
--
10
mA
trr
Maximum Reverse Recovery Time
IF =1A;VR=30V,diF/dt=-200A/us
--
72
--
ns
trr
Maximum Reverse Recovery Time
IF=300A;VR=300V,diF/dt=-200A/
us;TJ=25℃
--
179
--
ns
IRRM
Max Reverse Recovery Current
--
10
--
A
trr
Maximum Reverse Recovery Time
IF=300A;VR=300V,diF/dt=-200A/
us;TJ=125℃
--
390
--
ns
IRRM
Max Reverse Recovery Current
--
25
--
A
Module Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Visol
Case Isolation Voltage
AC,t=1min
--
3000
--
V
Mt
Module Electrodes Torque
Recommended(M6)
3.0
--
5.0
N.m
Ms
Module to Sink Torque
Recommended(M6)
3.0
--
5.0
G
Weight of Module
--
160
--
g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com