Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WAS110M12BM2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # WAS110M12BM2
Description  All-SiC Power MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

WAS110M12BM2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  WAS110M12BM2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 7Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 8Page - Inchange Semiconductor Company Limited WAS110M12BM2 Datasheet HTML 9Page - Inchange Semiconductor Company Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISCFM8002
eq WAS110M12BM2
All-SiC Power MODULE
www.iscsemi.com
2023-9-2
2
MOSFET ChaRACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V;
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 6mA
1.8
2.6
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS= 20V; ID= 120A
--
13
16
mΩ
VGS= 20V; ID= 120A;TJ=150°C
--
23
--
IGSS
Gate Source Leakage Current
VGS= 20V; VDS= 0V
--
--
1.5
uA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
0.45
3
mA
Ciss
Input Capacitance
VGS = 0V,
VDS = 800V,
f = 0.2MHz
VAC=25mV
--
8395
--
pF
Coss
Output Capacitance
--
502
--
Crss
Reverse Transfer Capacitance
--
34
--
Qg
Total Gate Charge
VDS = 800V,
ID=120A,
VGS=-5V/ +25V
--
555
--
nC
Qgs
Gate-Source Charge
--
105
--
Qgd
Gate-Drain Charge
--
60
--
Eon
Turn-On Switching Energy
TJ=25°C,
VGS=-5/+20V, ID= 120A,
VDS=600V, Rg=2.5Ω,
L=22.5uH
--
8.6
--
mJ
Eoff
Turn-Off Switching Energy
--
4.4
--
Eon
Turn-On Switching Energy
TJ=150°C,
VGS=-5/+20V, ID= 120A,
VDS=600V, Rg=2.5Ω,
L=22.5uH
--
7.6
--
mJ
Eoff
Turn-Off Switching Energy
--
4.3
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com