Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C1024 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C1024
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C1024 Datasheet HTML 9Page - ATMEL Corporation AT24C1024 Datasheet HTML 10Page - ATMEL Corporation AT24C1024 Datasheet HTML 11Page - ATMEL Corporation AT24C1024 Datasheet HTML 12Page - ATMEL Corporation AT24C1024 Datasheet HTML 13Page - ATMEL Corporation AT24C1024 Datasheet HTML 14Page - ATMEL Corporation AT24C1024 Datasheet HTML 15Page - ATMEL Corporation AT24C1024 Datasheet HTML 16Page - ATMEL Corporation AT24C1024 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
AT24C1024
1471N–SEEPR–12/05
Notes:
1. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC Characteristics
tables.
2. “U” designates Green Package & RoHS compliant.
3. Available in waffle pack and wafer form; order as SL788 for wafer form. Bumped die available upon request. Please contact
Serial EEPROM Marketing.
Ordering Information
(1)
Ordering Code
Package
Operation Range
AT24C1024C1-10CU-2.7(2)
AT24C1024-10PU-2.7(2)
AT24C1024W-10SU-2.7(2)
AT24C1024Y4-10YU-2.7(2)
8CN1
8P3
8S2
8Y4
Lead-free/Halogen-free/
Industrial Temperature
(–40
°C to 85°C)
AT24C1024-W2.7-11(3)
Die Sale
Industrial Temperature
(–40
°C to 85°C)
Package Type
8CN1
8-lead, 0.300" Wide, Leadless Array Package (LAP)
8P3
8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8Y4
8-lead, (6.00 x 4.90 mm Body) SOIC Array Package (SAP)
Options
–2.7
Low Voltage (2.7V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com