Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV34 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV34
Description  Dual rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV34 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV34 Datasheet HTML 1Page - NXP Semiconductors BYV34 Datasheet HTML 2Page - NXP Semiconductors BYV34 Datasheet HTML 3Page - NXP Semiconductors BYV34 Datasheet HTML 4Page - NXP Semiconductors BYV34 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Dual rectifier diodes
BYV34 series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V/ 400 V/ 500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.05 V
• High thermal cycling performance
• Low thermal resistance
I
O(AV) = 20 A
t
rr ≤ 60 ns
GENERAL DESCRIPTION
PINNING
SOT78 (TO220AB)
Dual, common cathode, ultra-fast,
PIN
DESCRIPTION
epitaxial rectifier diodes intended
for use as output rectifiers in high
1
anode 1
frequency switched mode power
supplies.
2
cathode
The BYV34 series is supplied in the
3
anode 2
conventional
leaded
SOT78
(TO220AB) package.
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV34
-300
-400
-500
V
RRM
Peak repetitive reverse voltage
-
300
400
500
V
V
RWM
Crest working reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
T
mb ≤ 138˚C
-
300
400
500
V
I
O(AV)
Average rectified output current square wave;
δ = 0.5;
-
20
A
(both diodes conducting)
1
T
mb ≤ 115 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
20
A
per diode
T
mb ≤ 115 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
120
A
current per diode.
t = 8.3 ms
-
132
A
sinusoidal; with reapplied
V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
per diode
-
-
2.4
K/W
heatsink
both diodes conducting
-
-
1.6
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
k
a1
a2
13
2
12 3
tab
1 Neglecting switching and reverse current losses
October 1998
1
Rev 1.400


Similar Part No. - BYV34

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BYV34 DSK-BYV34 Datasheet
191Kb / 2P
SUPER FAST RECTIFIER
logo
Seme LAB
BYV34-300M SEME-LAB-BYV34-300M Datasheet
23Kb / 2P
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
logo
WeEn Semiconductors
BYV34-400 WEEN-BYV34-400 Datasheet
390Kb / 10P
Dual ultrafast power diode
logo
Inchange Semiconductor ...
BYV34-400 ISC-BYV34-400 Datasheet
257Kb / 2P
Ultrafast Recovery Diode
2023-9-14
logo
Seme LAB
BYV34-400M SEME-LAB-BYV34-400M Datasheet
23Kb / 2P
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28 Datasheet
42Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV44 PHILIPS-BYV44 Datasheet
45Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV74 PHILIPS-BYV74 Datasheet
41Kb / 6P
Dual rectifier diodes ultrafast
August 1996 Rev 1.200
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
Dual rectifier diodes ultrafast
September 1998 Rev 1.300
BYV74W PHILIPS-BYV74W Datasheet
51Kb / 5P
Dual rectifier diodes ultrafast
April 1998 Rev 1.000
logo
Advanced Power Technolo...
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28_15 Datasheet
115Kb / 10P
Dual rectifier diodes ultrafast
Rev. 5-3 November 2011
BYV44 PHILIPS-BYV44_15 Datasheet
111Kb / 7P
Dual rectifier diodes ultrafast
October 1998
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
Dual rectifier diodes ultrafast
BYV44 WEEN-BYV44 Datasheet
313Kb / 7P
Dual rectifier diodes ultrafast
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com