Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV36 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BYV36
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BYV36 Datasheet HTML 6Page - NXP Semiconductors BYV36 Datasheet HTML 7Page - NXP Semiconductors BYV36 Datasheet HTML 8Page - NXP Semiconductors BYV36 Datasheet HTML 9Page - NXP Semiconductors BYV36 Datasheet HTML 10Page - NXP Semiconductors BYV36 Datasheet HTML 11Page - NXP Semiconductors BYV36 Datasheet HTML 12Page - NXP Semiconductors BYV36 Datasheet HTML 13Page - NXP Semiconductors BYV36 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1996 Jul 01
10
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
BYV36F and G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.16 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
02
3
0
1
2
MBD429
1
I
(A)
F(AV)
P
(W)
a = 3
2.5
2 1.57 1.42
Fig.17 Maximum permissible junction temperature
as a function of reverse voltage.
BYV36A to E
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
400
1200
0
MSA857
800
100
V
(V)
R
T j
( C)
o
AB
C
D
E
Fig.18 Maximum permissible junction temperature
as a function of reverse voltage.
BYV36F and G
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
200
0
2000
0
MLB599
1000
100
V
(V)
R
T j
( C)
o
FG
Fig.19 Forward current as a function of forward
voltage; maximum values.
BYV36A to C
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
handbook, halfpage
012
VF (V)
3
10
0
8
(A)
IF
MSA863
6
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com