Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C55WD_05 Datasheet HTML 17Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 18Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 19Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 20Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 21Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 22Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 23Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 24Page - ATMEL Corporation AT89C55WD_05 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
1921C–MICRO–3/05
AT89C55WD
Chip Erase Sequence: Before the AT89C55WD can be reprogrammed, a Chip Erase operation
needs to be performed. To erase the contents of the AT89C55WD, follow this sequence:
1.
Raise V
CC to 6.5V.
2.
Pulse ALE/PROG once (duration of 200 - 500 ns).
3.
Wait for 150 ms.
4.
Power V
CC down and up to 6.5V.
5.
Pulse ALE/PROG once (duration of 200 - 500 ns).
6.
Wait for 150 ms.
7.
Power V
CC down and up.
Data Polling: The AT89C55WD features Data Polling to indicate the end of a write cycle. During
a write cycle, an attempted read of the last byte written will result in the complement of the writ-
ten data on P0.7. Once the write cycle has been completed, true data is valid on all outputs, and
the next cycle may begin. Data Polling may begin any time after a write cycle has been initiated.
Ready/Busy: The progress of byte programming can also be monitored by the RDY/BSY output
signal. P3.0 is pulled low after ALE goes high during programming to indicate BUSY. P3.0 is
pulled high again when programming is done to indicate READY.
Program Verify: If lock bits LB1 and LB2 have not been programmed, the programmed code
data can be read back via the address and data lines for verification. The status of the individual
lock bits can be directly verified by reading them back.
Reading the Signature Bytes: The signature bytes are read by the same procedure as a nor-
mal verification of locations 000H, 100H, and 200H, except that P3.6 and P3.7 must be pulled to
a logic low. The values returned are as follows:
(000H) = 1EH indicates manufactured by Atmel
(100H) = 55H
(200H) = 06H indicates 89C55WD
21. Programming Interface
Every code byte in the Flash array can be programmed by using the appropriate combination of
control signals. The write operation cycle is self-timed and once initiated, will automatically time
itself to completion.
Most major worldwide programming vendors offer support for the Atmel AT89 microcontroller
series. Please contact your local programming vendor for the appropriate software revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com