Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB011B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT45DB011B
Description  1-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT45DB011B_06 Datasheet HTML 9Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 10Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 11Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 12Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 13Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 14Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 15Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 16Page - ATMEL Corporation AT45DB011B_06 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
AT45DB011B
1984J–DFLASH–06/06
Note:
1. Icc1 during a buffer read is 20mA maximum.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SB
Standby Current
CS, RESET, WP = V
IH, all inputs at
CMOS levels
210
µA
I
CC1
(1)
Active Current, Read Operation
f = 20 MHz; I
OUT = 0 mA; VCC = 3.6V
4
10
mA
I
CC2
Active Current, Program/Erase
Operation
V
CC = 3.6V
10
25
mA
I
LI
Input Load Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 2.7V
0.4
V
V
OH
Output High Voltage
I
OH = -100 µA
V
CC - 0.2V
V
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
20
MHz
f
CAR
SCK Frequency for Continuous Array Read
20
MHz
t
WH
SCK High Time
22
ns
t
WL
SCK Low Time
22
ns
t
CS
Minimum CS High Time
250
ns
t
CSS
CS Setup Time
250
ns
t
CSH
CS Hold Time
250
ns
t
CSB
CS High to RDY/BUSY Low
200
ns
t
SU
Data In Setup Time
5
ns
t
H
Data In Hold Time
10
ns
t
HO
Output Hold Time
0
ns
t
DIS
Output Disable Time
18
ns
t
V
Output Valid
20
ns
t
XFR
Page to Buffer Transfer/Compare Time
120
200
µs
t
EP
Page Erase and Programming Time
10
20
ms
t
P
Page Programming Time
715
ms
t
PE
Page Erase Time
610
ms
t
BE
Block Erase Time
715
ms
t
RST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com