Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021B-TC Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT45DB021B-TC
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-TC Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT45DB021B-TC Datasheet HTML 23Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 24Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 25Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 26Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 27Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 28Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 29Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 30Page - ATMEL Corporation AT45DB021B-TC Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
1937J–DFLSH–9/05
AT45DB021B
17. Ordering Information
17.1
Standard Package Options
f
SCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DB021B-CC
AT45DB021B-RC
AT45DB021B-SC
AT45DB021B-TC
9C1
28R
8S2
28T
Commercial
(0
°C to 70°C)
20
10
0.01
AT45DB021B-CI
AT45DB021B-RI
AT45DB021B-SI
AT45DB021B-TI
9C1
28R
8S2
28T
Industrial
(-40
°C to 85°C)
17.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
f
SCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DB021B-CU
AT45DB021B-RU
AT45DB021B-SU
AT45DB021B-TU
9C1
28R
8S2
28T
Industrial
(-40
°C to 85°C)
Package Type
9C1
9-ball (3 x 3 Array), 1.0 mm Pitch, 5 x 5 mm Plastic Chip-scale Ball Grid Array Package (CBGA)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC)
8S2
8-lead, 0.210" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com