Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C2012
Description  CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.tcatdk.com/3a3a.html
CAPACITORS
Ceramic Chip
TDK`s new Sub-Miniature chip capacitor additions answer the electronics industry`s
need for higher density packaging. TDK`s advanced technology allows for smaller size,
highest capacitance, increased reliability, and automated assembly. Applications include
computers and peripherals, telecommunications, measuring and medical equipment, and
any application that requires miniaturization.
Capacitance Range
10pF to
lVrms, 1kHz 25
NPO 1,000pF and less: 1MHz
Capacitance Tolerance
Operating Temperature Range
At the same condition as temperature
characteristics
Working Voltage (DC WV)
6.3V, 10V, 16V, 25V, 50V
Dielectric Strength
250% DC WV
Insulation Resistance (DC WV) (I.R.)
Greater than 10G ohms or 500 ohms-F whichever
is smaller
16V, 10V, 6.3V: 10G ohms or 100 ohms-F
whichever is smaller
Electrical Specification
Part Number Configuration
1
of 2
97/11/10 AM 9:28
DOC. NO. 22CB-000111
PART NO. 2203-000013


Similar Part No. - C2012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012 TDK-C2012 Datasheet
1Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 31P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 12P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
2Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
2Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C2012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
Film capacitors - AC capacitors
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
Film capacitors - AC capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
Film Capacitors ??AC capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com