Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSN2-T/16G-C Datasheet(PDF) 1 Page - C&D Technologies

Part # LSN2-T/16G-C
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2-T/16G-C Datasheet(HTML) 1 Page - C&D Technologies

  LSN2-T/16G-C Datasheet HTML 1Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 2Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 3Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 4Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 5Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 6Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 7Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 8Page - C&D Technologies LSN2-T/16G-C Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 1 of 14
www.cd4power.com
ORDERING GUIDE SUMMARY
Model
VOUT Range
IOUT Range
VIN Range
Ripple/Noise
Efficiency
LSN2-T/6-W3
0.75-3.3V
0-6A
2.4-5.5V
15mVp-p
94%
LSN2-T/6-D12
0.75-5V
0-6A
8.3-14V
15mVp-p
95%
LSN2-T/10-W3
0.75-3.3V
0-10A
2.4-5.5V
15mVp-p
95%
LSN2-T/10-D12
0.75-5V
0-10A
8.3-14V
30mVp-p
95%
LSN2-T/16-W3
0.75-3.3V
0-16A
2.4-5.5V
25mVp-p
95%
LSN2-T/16-D12
0.75-5V
0-16A
8.3-14V
30mVp-p
94%
MECHANICAL CHARACTERISTICS
6 Amp output models
0.50 x 1.00 x 0.275 inches (12.7 x 25.4 x 6.98 mm)
10 & 16 Amp models
0.50 x 2.00 x 0.32 inches (12.7 x 50.8 x 8.13 mm)
INPUT CHARACTERISTICS
Parameter
Typ. @ 25°C, full load
Notes
Voltage Range
2.4-5.5 or 8.3-14V
5V or 12V nominal models
Current, full power
4.22 to 11.12A
Model dependent
Undervoltage Shutdown
Included
With autorestart hysteresis
Short Circuit Current
60mA
Output is short circuited
Remote On/Off Control
Positive or negative polarity
Default polarity is positive
OUTPUT CHARACTERISTICS
Parameter
Typ. @ 25°C, full load
Notes
Voltage
0.75-3.3 or 0.75-5V
User adjustable, model dependent
Current
0-6, 0-10 or 0-16A
Three ranges, model dependent
Power Dissipation
20, 33, 52W max.
Three values, model dependent
Accuracy
±2% of VNOM
50% load
Ripple & Noise
15-75mVpp
Model dependent
Line and Load Regulation
±0.03%
Overcurrent Protection
Hiccup autorecovery
Continuous short circuit protection
Overtemperature Protection
+115°C shutdown
Efficiency (minimum)
92-93%
Model dependent
Efficiency (typical)
94-95%
Model dependent
GENERAL SPECIFICATIONS
Parameter
Typ. @ 25°C, full load
Notes
Transient Response
25μsec
50% load step to 2% of final value
Operating Temperature Range
–40 to +85°C
With 200 lfm airflow
Safety
UL/IEC/EN 60950
And CSA C22.2-No.234
EMI
FCC pt.15, class B
Pb
Lead-free
construction/attach
FEATURES
■
User-selectable outputs: 0.75-5V
(D12 models) or 0.75-3.3V (W3 models)
■
6, 10 or 16A maximum output current
■
Double lead free to RoHS standards
■
Selectable phased start-up sequencing
and tracking
■
Wide range VIN 8.3-14V or 2.4-5.5V
■
Up to 52 Watts total output power
■
Very high efficiency up to 95%
■
Starts up into pre-biased load
■
Fast settling, high di/dt IOUT slew rate
DESCRIPTION
These miniature point-of-load (POL) switching
DC/DC converters are ideal regulation and supply
elements for distributed power and intermedi-
ate bus architectures. Fully compatible with
the Distributed-power Open Standards Alliance
specification (www.dosapower.com), LSN2’s can
power CPU’s, programmable logic and mixed-
voltage systems with little heat and low noise. A
typical application uses a master isolated 12 or
5Vdc supply and individual LSN2 converters for
local 1.8 and 3.3Vdc supplies. All system isolation
resides in the central supply, leaving lower cost
POL regulation at the load. The LSN2’s can deliver
very high power (to 52 Watts) in a tiny area with-
out heat sinking or external components. They
feature quick transient response (to 25μsec) and
very fast current slew rates (to 20A/μsec).


Similar Part No. - LSN2-T/16G-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T/16-D12 MURATA-LSN2-T/16-D12 Datasheet
293Kb / 15P
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2-T/16-W3 MURATA-LSN2-T/16-W3 Datasheet
293Kb / 15P
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results

Similar Description - LSN2-T/16G-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
LSN2A MURATA-LSN2A Datasheet
293Kb / 15P
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
Adjustable DOSA 10/16-Amp SIP DC/DC Converters
logo
Murata Manufacturing Co...
OKI-T36W-W40 MURATA-OKI-T36W-W40 Datasheet
388Kb / 12P
Selectable Output 36-Watt DOSA-SMT DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
Adjustable DOSA 10/16-Amp SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com