Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV36D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BYV36D
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BYV36D Datasheet HTML 6Page - NXP Semiconductors BYV36D Datasheet HTML 7Page - NXP Semiconductors BYV36D Datasheet HTML 8Page - NXP Semiconductors BYV36D Datasheet HTML 9Page - NXP Semiconductors BYV36D Datasheet HTML 10Page - NXP Semiconductors BYV36D Datasheet HTML 11Page - NXP Semiconductors BYV36D Datasheet HTML 12Page - NXP Semiconductors BYV36D Datasheet HTML 13Page - NXP Semiconductors BYV36D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1996 Jul 01
12
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
BYV36F and G.
f = 1 MHz; Tj =25 °C.
Fig.24 Diode capacitance as a function of reverse
voltage, typical values.
handbook, halfpage
1
MBD436
10
10 2
10 4
1
10 2
10
V
(V)
R
C d
(pF)
10 3
Fig.25 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
handbook, full pagewidth
10
Ω
1
Ω
50
Ω
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1
IF
(A)
IR
(A)
t
0.25
Fig.26 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com