Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081B-RU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT45DB081B-RU
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B-RU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT45DB081B-RU Datasheet HTML 25Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 26Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 27Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 28Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 29Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 30Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 31Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 32Page - ATMEL Corporation AT45DB081B-RU Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
AT45DB081B
2225I–DFLSH–9/05
Packaging Information
14C1 – CBGA
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
14C1, 14-ball (3 x 5 Array), 4.5 x 7 x 1.4 mm Body, 1.0 mm Ball
Pitch Chip-scale Ball Grid Array Package (CBGA)
A
14C1
04/11/01
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
A
B
C
D
E
32
1
4.0 (0.157)
1.25 (0.049) REF
0.46 (0.018)
DIA BALL TYP
2.0 (0.079)
7.10(0.280)
6.90(0.272)
1.40 (0.055) MAX
0.30 (0.012)MIN
4.60(0.181)
4.40(0.173)
1.00 (0.0394) BSC
NON-ACCUMULATIVE
1.50 (0.059) REF
A1 ID
1.00 (0.0394) BSC
NON-ACCUMULATIVE
TOP VIEW
SIDE VIEW
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com