Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM3255 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM3255
Description  AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, AND CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3255 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM3255 Datasheet HTML 1Page - Broadcom Corporation. BCM3255 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Brief
BCM7402
®
AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, AND CABLE
AVC/MPEG-2/VC-1 Platform Example
• Advanced AVC/MPEG-2/VC-1 decoder
•
H.264/AVC main and high profile to level 4.1
•
VC-1 advanced profile @ level 3
•
VC-1 simple and main profile
•
HD MPEG-2 and SD MPEG-2
•
MPEG still-picture decode
• Advanced audio processor supporting the following:
•
AAC LC, AAC LC+SBR level 2, AAC+ level 2
•
Dolby® Digital, Dolby Digital Plus
•
MPEG I layers 1, 2, and 3 (MP3)
•
Windows Media® audio
•
One pair of on-chip stereo high-fidelity audio DACs
•
3D SRS audio support
•
One I2S input port and one I2S output port
•
SPDIF output
• Advanced 2D-effects graphic engine
•
Studio quality text and graphics at HD resolution
•
Supports multiple layers and windows
• Digital noise reduction (DNR)
•
Reduces MPEG artifacts including block noise reduction
•
Reduces mosquito noise
• Motion-adaptive deinterlacer with reverse 3:2/2:2 pulldown
• Letterbox detection
• OpenCable™ ready with on-chip MPOD support
• 300-MHz MIPS32
®/16e class processor
• 64-bit DDR DRAM controller
• HD analog video encoder with simultaneous SD outputs
•
NTSC-M, NTSC-J, PAL-BDGHIN, PAL-M, PAL-Nc analog
outputs
•
480i/480p/576i/576p/720p/1080i output formats
•
Component RGB or YPrPb output
•
Macrovision® 7.1 support
•
SCART 1 and 2
•
Component, S-Video, and composite via six on-chip V-DACs
•
VBI encoders for CC/TTX with NABTS/CGMSA/WSS/Gemstar®
standards and dedicated TTX sideband
•
RF modulator with BTSC encoder
•
ITU-R-656 input and output ports
• HDMI 1.1/DVI 1.0 Mac and PHY with HDCP 1.1
• Broadcom security processor
• AES/1DES/3DES/CSS/CPRM/DTCP copy protection
• MPEG-2/DIRECTV/DVB/ARIB data transport demux with
1DES/3DES/DVB/Multi2/AES descramblers
• V.92-capable soft modem with integrated SiLab Si305x system
side device
• 3.3V 33-MHz PCI 2.2
• Dual USB 2.0 host controller with dual-port transceiver
•
Additional independent USB 1.1 host controller
• Ethernet Mac and PHY
• UHF remote control receiver
• Dual smart card support
FE A T UR E S
FE A T UR E S ( C ONT . )
Audio
Out
RF
Mod
USB 2.0
TS In
HDMI/DVI
Out
IR and
UHF I/F
S/PDIF
Out
NTSC
PAL
Video
Comp.
Video
1394
MAC/PHY
1394
MAC/PHY
Front Panel I/F
OpenCable™
CableCARD™
DDR x64
SDRAM
200 MHz
256 MB
DDR x64
SDRAM
200 MHz
256 MB
Flash
64M x8
Flash
64M x8
BCM7402
450 DMIPS
MPEG-2 HD
AVC, VC-1
RF OUT
CABLE IN
STEREO AUDIO OUT
S/PDIF OUT VIDEO OUT
YPbPr OUT
HDMI OUT
Dual
USB 2.0
FIREWIRE
BCM3420
BCM3420
BCM3420
BCM3420
BCM3420
BCM3420
BCM3420
BCM3420
BCM3420
TS In
TS In
DDR SDRAM
16M B
DDR SDRAM
16 MB
Diplexer
Diplexer
BCM3255
DOCSIS 2.0
500+ DMIPS
Power
PCI
10/100
Ethernet
Ethernet


Similar Part No. - BCM3255

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3255 BOARDCOM-BCM3255 Datasheet
305Kb / 2P
AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
More results

Similar Description - BCM3255

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7038 BOARDCOM-BCM7038 Datasheet
392Kb / 1P
DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
Rev. 1
STB7109 STMICROELECTRONICS-STB7109 Datasheet
107Kb / 2P
High definition AVC, VC-1 and MPEG-2 decoder with advanced security and connectivity
Sep-2005
logo
Broadcom Corporation.
BCM7401 BOARDCOM-BCM7401 Datasheet
305Kb / 2P
AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
BCM7412 BOARDCOM-BCM7412 Datasheet
233Kb / 2P
AVC/VC-1/MPEG HIGH-DEFINITION DECODER
BCM7452 BOARDCOM-BCM7452 Datasheet
221Kb / 2P
AVC/MPEG-2/VC-1 HD DECODE/SD DISPLAY SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
MPEG-4 AVC/H.264 Video Decoder
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
STMicroelectronics
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
logo
Broadcom Corporation.
BCM7401ZKPB3G BOARDCOM-BCM7401ZKPB3G Datasheet
318Kb / 2P
AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com