Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 35Page - ATMEL Corporation ATMEGA640 Datasheet HTML 36Page - ATMEL Corporation ATMEGA640 Datasheet HTML 37Page - ATMEL Corporation ATMEGA640 Datasheet HTML 38Page - ATMEL Corporation ATMEGA640 Datasheet HTML 39Page - ATMEL Corporation ATMEGA640 Datasheet HTML 40Page - ATMEL Corporation ATMEGA640 Datasheet HTML 41Page - ATMEL Corporation ATMEGA640 Datasheet HTML 42Page - ATMEL Corporation ATMEGA640 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 449 page
background image
39
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as
shown below. The clock from the selected source is input to the AVR clock generator,
and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
Default Clock Source
The device is shipped with internal RC oscillator at 8.0 MHz and with the fuse CKDIV8
programmed, resulting in 1.0 MHz system clock. The startup time is set to maximum
and time-out period enabled. (CKSEL = "0010", SUT = "10", CKDIV8 = "0"). The default
setting ensures that all users can make their desired clock source setting using any
available programming interface.
Clock Start-up Sequence
Any clock source needs a sufficient V
CC to start oscillating and a minimum number of
oscillating cycles before it can be considered stable.
To ensure sufficient V
CC, the device issues an internal reset with a time-out delay (tTOUT)
after the device reset is released by all other reset sources. “On-chip Debug System” on
page 53 describes the start conditions for the internal reset. The delay (t
TOUT) is timed
from the Watchdog Oscillator and the number of cycles in the delay is set by the SUTx
and CKSELx fuse bits. The selectable delays are shown in Table 11. The frequency of
the Watchdog Oscillator is voltage dependent as shown in “Typical Characteristics” on
page 390.
Main purpose of the delay is to keep the AVR in reset until it is supplied with minimum
Vcc. The delay will not monitor the actual voltage and it will be required to select a delay
longer than the Vcc rise time. If this is not possible, an internal or external Brown-Out
Detection circuit should be used. A BOD circuit will ensure sufficient Vcc before it
releases the reset, and the time-out delay can be disabled. Disabling the time-out delay
without utilizing a Brown-Out Detection circuit is not recommended.
The oscillator is required to oscillate for a minimum number of cycles before the clock is
considered stable. An internal ripple counter monitors the oscillator output clock, and
keeps the internal reset active for a given number of clock cycles. The reset is then
released and the device will start to execute. The recommended oscillator start-up time
Table 10. Device Clocking Options Select
(1)
Device Clocking Option
CKSEL3:0
Low Power Crystal Oscillator
1111 - 1000
Full Swing Crystal Oscillator
0111 - 0110
Low Frequency Crystal Oscillator
0101 - 0100
Internal 128 kHz RC Oscillator
0011
Calibrated Internal RC Oscillator
0010
External Clock
0000
Reserved
0001
Table 11. Number of Watchdog Oscillator Cycles
Typ Time-out (VCC = 5.0V)
Typ Time-out (VCC = 3.0V)
Number of Cycles
0 ms
0 ms
0
4.1 ms
4.3 ms
512
65 ms
69 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com