Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATMEGA3290
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATMEGA3290 Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 35Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 36Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 37Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 38Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 39Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 40Page - ATMEL Corporation ATMEGA3290 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 375 page
background image
37
ATmega329/3290/649/6490
2552H–AVR–11/06
ters (DIDR1 and DIDR0). Refer to “DIDR1 – Digital Input Disable Register 1” on page
202 and “DIDR0 – Digital Input Disable Register 0” on page 219 for details.
JTAG Interface and
On-chip Debug System
If the On-chip debug system is enabled by the OCDEN Fuse and the chip enter Power
down or Power save sleep mode, the main clock source remains enabled. In these
sleep modes, this will contribute significantly to the total current consumption. There are
three alternative ways to avoid this:
•
Disable OCDEN Fuse.
•
Disable JTAGEN Fuse.
•
Write one to the JTD bit in MCUCSR.
The TDO pin is left floating when the JTAG interface is enabled while the JTAG TAP
controller is not shifting data. If the hardware connected to the TDO pin does not pull up
the logic level, power consumption will increase. Note that the TDI pin for the next
device in the scan chain contains a pull-up that avoids this problem. Writing the JTD bit
in the MCUCSR register to one or leaving the JTAG fuse unprogrammed disables the
JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com