Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3250 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATMEGA3250
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATMEGA3250 Datasheet HTML 33Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 34Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 35Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 36Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 37Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 38Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 39Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 40Page - ATMEL Corporation ATMEGA3250 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 353 page
background image
37
ATmega325/3250/645/6450
2570J–AVR–11/06
Register Description
SMCR – Sleep Mode Control
Register
The Sleep Mode Control Register contains control bits for power management.
• Bits 3, 2, 1 – SM2:0: Sleep Mode Select Bits 2, 1, and 0
These bits select between the five available sleep modes as shown in Table 15.
Note:
1. Standby mode is only recommended for use with external crystals or resonators.
• Bit 1 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the
SLEEP instruction is executed. To avoid the MCU entering the sleep mode unless it is
the programmer’s purpose, it is recommended to write the Sleep Enable (SE) bit to one
just before the execution of the SLEEP instruction and to clear it immediately after wak-
ing up.
PRR – Power Reduction
Register
• Bits 7:4 - Res: Reserved bits
These bits are reserved bits in ATmega325/3250/645/6450 and will always read as
zero.
• Bit 3 - PRTIM1: Power Reduction Timer/Counter1
Writing logic one to this bit shuts down the Timer/Counter1 module. When
Timer/Counter1 is enabled, operation will continue like before the shutdown.
• Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface
Writing logic one to this bit shuts down the Serial Peripheral Interface by stopping the
clock to the module. When waking up the SPI again, the SPI should be re-initialized to
ensure proper operation.
Bit
7654
321
0
0x33 (0x53)
–
–
–
–
SM2
SM1
SM0
SE
SMCR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Table 15. Sleep Mode Select
SM2
SM1
SM0
Sleep Mode
000
Idle
0
0
1
ADC Noise Reduction
010
Power-down
011
Power-save
100
Reserved
101
Reserved
110
Standby(1)
111
Reserved
Bit
7
6
5
4
3
210
(0x64)
–
–
–
–
PRTIM1
PRSPI
PRUSART0
PRADC
PRR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com