Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA649 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATMEGA649
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATMEGA649 Datasheet HTML 45Page - ATMEL Corporation ATMEGA649 Datasheet HTML 46Page - ATMEL Corporation ATMEGA649 Datasheet HTML 47Page - ATMEL Corporation ATMEGA649 Datasheet HTML 48Page - ATMEL Corporation ATMEGA649 Datasheet HTML 49Page - ATMEL Corporation ATMEGA649 Datasheet HTML 50Page - ATMEL Corporation ATMEGA649 Datasheet HTML 51Page - ATMEL Corporation ATMEGA649 Datasheet HTML 52Page - ATMEL Corporation ATMEGA649 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 375 page
background image
49
ATmega329/3290/649/6490
2552H–AVR–11/06
Interrupts
This section describes the specifics of the interrupt handling as performed in
ATmega329/3290/649/6490. For a general explanation of the AVR interrupt handling,
refer to “Reset and Interrupt Handling” on page 14.
Interrupt Vectors in ATmega329/3290/649/6490
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader
address at reset, see “Boot Loader Support – Read-While-Write Self-Programming”
on page 268.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of
the Boot Flash Section. The address of each Interrupt Vector will then be the address
in this table added to the start address of the Boot Flash Section.
3. PCINT2 and PCINT3 are only present in ATmega3290 and ATmega6490.
Table 22. Reset and Interrupt Vectors
Vector
No.
Program
Address(2)
Source
Interrupt Definition
1
0x0000(1)
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and JTAG AVR Reset
2
0x0002
INT0
External Interrupt Request 0
3
0x0004
PCINT0
Pin Change Interrupt Request 0
4
0x0006
PCINT1
Pin Change Interrupt Request 1
5
0x0008
TIMER2 COMP
Timer/Counter2 Compare Match
6
0x000A
TIMER2 OVF
Timer/Counter2 Overflow
7
0x000C
TIMER1 CAPT
Timer/Counter1 Capture Event
8
0x000E
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
0x0010
TIMER1 COMPB
Timer/Counter1 Compare Match B
10
0x0012
TIMER1 OVF
Timer/Counter1 Overflow
11
0x0014
TIMER0 COMP
Timer/Counter0 Compare Match
12
0x0016
TIMER0 OVF
Timer/Counter0 Overflow
13
0x0018
SPI, STC
SPI Serial Transfer Complete
14
0x001A
USART, RX
USART0, Rx Complete
15
0x001C
USART, UDRE
USART0 Data Register Empty
16
0x001E
USART, TX
USART0, Tx Complete
17
0x0020
USI START
USI Start Condition
18
0x0022
USI OVERFLOW
USI Overflow
19
0x0024
ANALOG COMP
Analog Comparator
20
0x0026
ADC
ADC Conversion Complete
21
0x0028
EE READY
EEPROM Ready
22
0x002A
SPM READY
Store Program Memory Ready
23
0x002C
LCD
LCD Start of Frame
24(3)
0x002E
PCINT2
Pin Change Interrupt Request 2
25(3)
0x0030
PCINT3
Pin Change Interrupt Request 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com