Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS52-16AC Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LS52-16AC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16AC Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LS52-16AC Datasheet HTML 21Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 22Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 23Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 24Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 25Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 26Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 27Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 28Page - ATMEL Corporation AT89LS52-16AC Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
2601B–MICRO–03/05
AT89LS52
Figure 20-1. Programming the Flash Memory (Parallel Mode)
Figure 20-2. Verifying the Flash Memory (Parallel Mode)
P1.0-P1.7
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
0000H/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-16 MHz
P0
P2.7
PGM
DATA
PROG
V/V
IH
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89LS52
P3.3
P3.0
RDY/
BSY
A8 - A12
4.5V - 5.5V
P1.0-P1.7
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
0000H/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-16 MHz
P0
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL 2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89LS52
P3.3
A8 - A12
4.5V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com