Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355E-AC Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT43USB355E-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355E-AC Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT43USB355E-AC Datasheet HTML 74Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 75Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 76Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 77Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 78Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 79Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 80Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 81Page - ATMEL Corporation AT43USB355E-AC Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 115 page
background image
78
AT43USB355
2603G–USB–04/06
Control Read Status
Response State
The Function Interface Unit receives an OUT token from the Host with a zero length DATA1
packet. The FIU responds with a NAK until TX_COMPLETE is cleared. The FIU will then ACK
the retried OUT token from the Host and assert an RX_OUT interrupt.
Control Write Data
Response State
The Function Interface Unit receives an OUT token from the Host with a DATA packet. The
FIU places the incoming data into the FIFO, issues an ACK to the host, and asserts an
RX_OUT interrupt.
Hardware
Firmware
1.
OUT token from Host
2.
DATA1(0) from Host
3.
TX Complete = 0 ?
a. If yes, ACK to Host
Set RX OUT
→ INT
b. If no, NAK to Host
4.
Read UISR
5.
Read CSR0
6.
Clear RX OUT, set Data End, set
Force Stall in H/FCAR0.
Note: A SETUP token will clear Data
End, therefore, it is not cleared by
FW in case Host retries.
7.
Set UIAR[EP0 INTACK] to clear
interrupt source
Hardware
Firmware
1.
OUT token from Host
2.
Put DATA0/DATA1 into FIFO
3.
ACK to Host
4.
Set RX OUT
→ INT
5.
Read UISR
6.
Read CSR0
7.
Read FIFO
8.
Clear RX OUT
If last data packet, set Force STALL,
set DATA END.
9.
Set UIAR[EP0 INTACK] to clear the
interrupt source
Repeat steps 1 through 9 until last DATA PACKET:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com