Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV72EW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV72EW
Description  Rectifier diodes ultrafast, rugged
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV72EW Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV72EW Datasheet HTML 1Page - NXP Semiconductors BYV72EW Datasheet HTML 2Page - NXP Semiconductors BYV72EW Datasheet HTML 3Page - NXP Semiconductors BYV72EW Datasheet HTML 4Page - NXP Semiconductors BYV72EW Datasheet HTML 5Page - NXP Semiconductors BYV72EW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV72EW series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.85 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 30 A
• Low thermal resistance
I
RRM = 0.2 A
t
rr ≤ 28 ns
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
Dual, ultra-fast, epitaxial rectifier
PIN
DESCRIPTION
diodes intended for use as output
rectifiers in high frequency switched
1
anode 1
mode power supplies.
2
cathode
The BYV72EW series is supplied in
the conventional leaded SOT429
3
anode 2
(TO247) package.
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV72EW
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
T
mb ≤ 144˚C
-
150
200
V
I
O(AV)
Average rectified output current square wave
-
30
A
(both diodes conducting)
1
δ = 0.5; T
mb ≤ 104 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 104 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current per diode
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
per diode
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current per diode
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1 Neglecting switching and reverse current losses.
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model;
-
8
kV
capacitor voltage
C = 250 pF; R = 1.5 k
Ω
k
a1
a2
13
2
2
3
1
October 1998
1
Rev 1.200


Similar Part No. - BYV72EW

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV72EW-200 WEEN-BYV72EW-200 Datasheet
647Kb / 11P
Dual ultrafast power diode
logo
Inchange Semiconductor ...
BYV72EW-200 ISC-BYV72EW-200 Datasheet
308Kb / 2P
Ultrafast Power Diode
logo
NXP Semiconductors
BYV72EW-200 PHILIPS-BYV72EW-200_15 Datasheet
184Kb / 10P
Dual ultrafast power diode
24 July 2013
More results

Similar Description - BYV72EW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com