Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01A
Description  Two-wire Automotive Serial EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01A Datasheet HTML 1Page - ATMEL Corporation AT24C01A Datasheet HTML 2Page - ATMEL Corporation AT24C01A Datasheet HTML 3Page - ATMEL Corporation AT24C01A Datasheet HTML 4Page - ATMEL Corporation AT24C01A Datasheet HTML 5Page - ATMEL Corporation AT24C01A Datasheet HTML 6Page - ATMEL Corporation AT24C01A Datasheet HTML 7Page - ATMEL Corporation AT24C01A Datasheet HTML 8Page - ATMEL Corporation AT24C01A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
AT24C01A/02/04/08/16
3256F–SEEPR–10/04
Notes:
1. The AT24C01A/02/04/08 bearing the process letter “D” on the package (the mark is located in the lower right corner on the
topside of the package), guarantees 400 kHz (2.5V, 2.7V).
2. This parameter is characterized and is not 100% tested (TA = 25°C).
3. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see
Figure 4 on page 7). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
which must precede any other command (see Figure 5 on page 7).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 5 on page 7).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has
received each word. This happens during the ninth clock cycle.
Table 5. AC Characteristics
Applicable over recommended operating range from T
A = −40°C to +125°C, VCC = +2.7V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
AT24C01A/02/04/08,
2.7V
AT24C16, 2.7V
AT24C01A/02/04/08/16,
5.0V
Units
Min
Max
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
400
(1)
400
400
kHz
t
LOW
Clock Pulse Width Low
1.2
1.2
1.2
µs
t
HIGH
Clock Pulse Width High
0.6
0.6
0.6
µs
t
I
Noise Suppression Time
(2)
50
50
50
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
0.1
0.9
0.1
0.9
µs
t
BUF
Time the bus must be free before
a new transmission can start
(3)
1.2
1.2
1.2
µs
t
HD.STA
Start Hold Time
0.6
0.6
0.6
µs
t
SU.STA
Start Set-up Time
0.6
0.6
0.6
µs
t
HD.DAT
Data In Hold Time
0
0
0
µs
t
SU.DAT
Data In Set-up Time
100
100
100
ns
t
R
Inputs Rise Time
(3)
300
300
300
ns
t
F
Inputs Fall Time
(3)
300
300
300
ns
t
SU.STO
Stop Set-up Time
0.6
0.6
0.6
µs
t
DH
Data Out Hold Time
50
50
50
ns
t
WR
Write Cycle Time
5
5
5
ms
Endurance
5.0V, 25
°C1M
1M
1M
Write
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com