Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB326-AC Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT43USB326-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB326-AC Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT43USB326-AC Datasheet HTML 81Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 82Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 83Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 84Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 85Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 86Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 87Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 88Page - ATMEL Corporation AT43USB326-AC Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
85
AT43USB326
3313D–USB–04/06
Address locations 0x04 through 0x6E store the VID, PID, Release Number and String
Descriptors if they are enabled by the mask bits in location 0x03. The data are stored sequen-
tially as described below:
Initial Check Byte
This check byte is located immediately after the last VID, PID or stings. It is computed as the
truncated sum of Mask1 and all the string length specified.
Keyboard Matrix
The keyboard matrix is 144 bytes. If specified, its check byte is located in address 0x6F while
the matrix itself is located from address 0x70 - 0xFF.
0x70 = Col 0, Row 0
0x71 = Col 0, Row 1
.......
0x78 = Col 1, Row 0
0x79 = Col 1, Row 1
.....
0xF8 = Col 17, Row 0
0xF9 = Col 17, Row 1
.....
0xFF = Col 17, Row 7
Example of
SEEPROM Data
Table 26 through Table 34 illustrate the contents of a SEEPROM for a typical AT43USB326-
based keyboard.
Table 24. VID and PID
VID
Byte 1
VID
Byte 2
PID
Byte 1
PID
Byte 2
Release #
Byte 1
Release #
Byte 2
Check
Byte
Table 25. Language ID and Strings
Length (N)
Byte 1
Byte 2
Byte N - 1
Check Byte
Table 26. Preamble
Address
Data
Description
00
17
Fixed ID
01
5A
Fixed ID
02
00
Reserved
03
BF
Mask bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com