Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT43USB325_05 Datasheet HTML 35Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 36Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 37Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 38Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 39Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 40Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 41Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 42Page - ATMEL Corporation AT43USB325_05 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
39
3355C–USB–4/05
AT43USB325
4.13.8
INTA/B/C/D Interrupt Sense Control Register – ISCR
• Bit 7,6 – ISC71, ISC70: External Interrupt D Sense Control Bits
ISC71 and ISC70 controls the level and sense of the input at the INTD pin as defined below:
ISC71 ISC70 Description
0
0
Low level of INTD
0
1
Reserved
1
0
Falling edge of INTD
1
1
Rising edge of INTD
• Bit 5,4 – ISC61, ISC60: External Interrupt C Sense Control Bits
ISC71 and ISC70 controls the level and sense of the input at the INTC pin as defined below:
ISC61 ISC60 Description
0
0
Low level of INTC
0
1
Reserved
1
0
Falling edge of INTC
1
1
Rising edge of INTC
• Bit 3,2 – ISC51, ISC40: External Interrupt B Sense Control Bits
ISC51 and ISC50 controls the level and sense of the input at the INTB pin as defined below:
ISC51 ISC50 Description
0
0
Low level of INTB
0
1
Reserved
1
0
Falling edge of INTB
1
1
Rising edge of INTB
• Bit 1,0 – ISC41, ISC40: External Interrupt A Sense Control Bits
ISC41 and ISC40 controls the level and sense of the input at the INTA pin as defined below:
ISC41 ISC40 Description
0
0
Low level of INTA
0
1
Reserved
1
0
Falling edge of INTA
1
1
Rising edge of INTA
Bit
7
6
5
4
3
2
1
0
$1FF1
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
ISCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com