Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB161B
Description  8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB161B Datasheet HTML 1Page - ATMEL Corporation AT45DB161B Datasheet HTML 2Page - ATMEL Corporation AT45DB161B Datasheet HTML 3Page - ATMEL Corporation AT45DB161B Datasheet HTML 4Page - ATMEL Corporation AT45DB161B Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
3257C–DFLASH–04/06
AT45DCB008/004/002
Note:
1. The 7DF1 is a Pb-free/RoHS-compliant package.
2.
Ordering Information
f
SCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
20
10
0.01
AT45DCB008
AT45DCB004
AT45DCB002
7DF1(1)
Industrial
(-40
°C to 85°C)
Package Type
7DF1
7-lead, 2.5 mm Pitch 24 x 32 x 1.4 mm Body DataFlash Card



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com