Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE521D Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE521D
Description  High?뭆peed Dual?묭ifferential Comparator/Sense Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE521D Datasheet(HTML) 3 Page - ON Semiconductor

  NE521D Datasheet HTML 1Page - ON Semiconductor NE521D Datasheet HTML 2Page - ON Semiconductor NE521D Datasheet HTML 3Page - ON Semiconductor NE521D Datasheet HTML 4Page - ON Semiconductor NE521D Datasheet HTML 5Page - ON Semiconductor NE521D Datasheet HTML 6Page - ON Semiconductor NE521D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NE521
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (V+ = +5.0 V; V− = −5.0 V, TA = 0°C to +70°C, unless otherwise noted.)
Characteristic
Test Conditions
Symbol
Limits
Unit
Min
Typ
Max
Input Offset Voltage
At 25°C
Overtemperature Range
V+ = +4.75 V; V− = −4.75 V
VOS
−
−
6.0
−
7.5
10
mV
Input Bias Current
At 25°C
Overtemperature Range
V+ = +5.25 V; V− = −5.25 V
IBIAS
−
−
7.5
−
20
40
mA
Input Offset Current
At 25°C
Overtemperature Range
V+ = +5.25 V; V− = −5.25 V
IOS
−
−
1.0
−
5.0
12
mA
Common-Mode Voltage Range
V+ = +4.75 V; V− = −4.75 V
VCM
−3.0
−
+3.0
V
Input Current
High
V+ = +5.25 V; V− = −5.25 V
VIH = 2.7 V
1G or 2G Strobe
Common Strobe S
IIH
−
−
−
−
50
100
mA
Input Current
Low
VIL = 0.5 V
1G or 2G Strobe
Common Strobe S
IIL
−
−
−
−
−2.0
−4.0
mA
Output Voltage
High
Low
VI(S) = 2.0 V
V+ = +4.75 V; V− = −4.75 V;
ILOAD = −1.0 mA
V+ = +5.25 V; V− = −5.25 V;
ILOAD = 20 mA
VOH
VOL
2.7
3.4
0.5
V
Supply Voltage
Positive
Negative
−
V+
V−
4.75
−4.75
5.0
−5.0
5.25
−5.25
V
Supply Current
Positive
Negative
V+ = +5.25 V; V− = −5.25 V;
TA = 25°C
ICC+
ICC−
−
−
27
−15
35
−28
mA
Short−Circuit Output Current
−
ISC
−40
−
−100
mA
AC ELECTRICAL CHARACTERISTICS (TA = 25°C; RL = 280 W; CL = 15 pF, V+ = 5.0 V; V− = 5.0 V, guaranteed by characterization)
Characteristic
From Input
To Output
Symbol
Limits
Unit
Min
Typ
Max
Large−Signal Switching Speed
Propagation Delay
Low to High (Note 2)
High to Low (Note 2)
Low to High (Note 3)
High to Low (Note 3)
Amp
Amp
Strobe
Strobe
Output
Output
Output
Output
tPLH(D)
tPHL(D)
tPLH(S)
tPHL(S)
−
−
−
−
9.6
8.2
4.8
3.9
12
9.0
10
6.0
ns
Max. Operating Frequency
−
−
fMAX
40
55
−
MHz
2. Response time measured from 0 V point of "100 mVP-P 10 MHz square wave to the 1.5 V point of the output.
3. Response time measured from 1.5 V point of input to 1.5 V point of the output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com