Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052-20PI Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89LP2052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052-20PI Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89LP2052-20PI Datasheet HTML 52Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 53Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 54Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 55Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 56Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 57Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 58Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 59Page - ATMEL Corporation AT89LP2052-20PI Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
56
3547F–MICRO–6/06
AT89LP2052/LP4052
22.2
Status Register
The current state of the memory may be accessed by reading the status register. The status reg-
ister is shown in Table 22-2.
22.3
DATA Polling
The AT89LP2052/LP4052 implements DATA polling to indicate the end of a programming cycle.
While the device is busy, any attempted read of the last byte written will return the data byte with
the MSB complemented. Once the programming cycle has completed, the true value will be
accessible. During Erase the data is assumed to be FFH and DATA polling will return 7FH.
When writing multiple bytes in a page, the DATA value will be the last data byte loaded before
programming begins, not the written byte with the highest physical address within the page.
22.4
Parallel Programming
Parallel Programming Mode is enabled by applying V
PP to the RST pin. The connections
required during parallel mode are shown in Figure 22-2. During parallel programming, Port 1 is
configured as an 8-bit wide bidirectional command bus. Data on P1 is strobed by a positive
pulse on the XTAL1 pin. No other clock is required. The interface is enabled by pulling CS (P3.2)
low. P3.1 acts as RDY/BSY, and will be pulled low to indicate that the device is busy regardless
of the state of CS.
Table 22-2.
Status
Register
–––
–
LOAD
SUCCESS
WRTINH
BUSY
Bit
7
6
543
21
0
Symbol
Function
LOAD
Load flag. Cleared low by the load page buffer command and set high by the next memory write. This flag signals that
the page buffer was previously loaded with data by the load page buffer command.
SUCCESS
Success flag. Cleared low at the start of a programming cycle and will only be set high if the programming cycle
completes without interruption from the brownout detector.
WRTINH
Write Inhibit flag. Cleared low by the brownout detector (BOD) whenever programming is inhibited due to V
CC falling
below the minimum required programming voltage. If a BOD episode occurs during programming, the SUCCESS flag
will remain low after the cycle is complete. WRTINH low also forces BUSY low.
BUSY
Busy flag. Cleared low whenever the memory is busy programming or if write is currently inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com