Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5532 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA5532
Description  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5532 Datasheet(HTML) 2 Page - ON Semiconductor

  SA5532 Datasheet HTML 1Page - ON Semiconductor SA5532 Datasheet HTML 2Page - ON Semiconductor SA5532 Datasheet HTML 3Page - ON Semiconductor SA5532 Datasheet HTML 4Page - ON Semiconductor SA5532 Datasheet HTML 5Page - ON Semiconductor SA5532 Datasheet HTML 6Page - ON Semiconductor SA5532 Datasheet HTML 7Page - ON Semiconductor SA5532 Datasheet HTML 8Page - ON Semiconductor SA5532 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
2
Figure 1. Equivalent Schematic (Each Amplifier)
+
_
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
"22
V
Input Voltage
VIN
"VSUPPLY
V
Differential Input Voltage (Note 1)
VDIFF
"0.5
V
Operating Temperature Range
NE5532/A
SA5532
SE5532/A
Tamb
0 to 70
−40 to +85
−55 to +125
°C
Storage Temperature
Tstg
−65 to +150
°C
Junction Temperature
Tj
150
°C
Maximum Power Dissipation, Tamb = 25°C (Still-Air)
8 D8 Package
8 N Package
16 D Packagee
PD
780
1200
1200
mW
Thermal Resistance, Junction−to−Ambient
8 D8 Package
8 N Package
16 D Packagee
RqJA
182
130
140
°C/W
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com