Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26F004 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT26F004
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT26F004 Datasheet HTML 1Page - ATMEL Corporation AT26F004 Datasheet HTML 2Page - ATMEL Corporation AT26F004 Datasheet HTML 3Page - ATMEL Corporation AT26F004 Datasheet HTML 4Page - ATMEL Corporation AT26F004 Datasheet HTML 5Page - ATMEL Corporation AT26F004 Datasheet HTML 6Page - ATMEL Corporation AT26F004 Datasheet HTML 7Page - ATMEL Corporation AT26F004 Datasheet HTML 8Page - ATMEL Corporation AT26F004 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
3588C–DFLASH–04/06
AT26F004
The AT26F004 also offers a sophisticated method for protecting individual sectors against
erroneous or malicious program and erase operations. By providing the ability to individually
protect and unprotect sectors, a system can unprotect a specific sector to modify its contents
while keeping the remaining sectors of the memory array securely protected. This is useful in
applications where program code is patched or updated on a subroutine or module basis, or in
applications where data storage segments need to be modified without running the risk of errant
modifications to the program code segments.
Specifically designed for use in 3-volt systems, the AT26F004 supports read, program, and
erase operations with a supply voltage range of 2.7V to 3.6V. No separate voltage is required for
programming and erasing.
2.
Pin Descriptions and Pinouts
Table 2-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT: Asserting the CS pin selects the device. When the CS pin is deasserted, the
device will be deselected and normally placed in standby mode (not Deep Power-down mode), and
the SO pin will be in a high-impedance state. When the device is deselected, data will not be
accepted on the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition
is required to end an operation. When ending an internally self-timed operation such as a program
or erase cycle, the device will not enter the standby mode until the completion of the operation.
Low
Input
SCK
SERIAL CLOCK: This pin is used to provide a clock to the device and is used to control the flow of
data to and from the device. Command, address, and input data present on the SI pin is always
latched on the rising edge of SCK, while output data on the SO pin is always clocked out on the
falling edge of SCK.
–
Input
SI
SERIAL INPUT: The SI pin is used to shift data into the device. The SI pin is used for all data input
including command and address sequences. Data on the SI pin is always latched on the rising
edge of SCK.
–
Input
SO
SERIAL OUTPUT: The SO pin is used to shift data out from the device. Data on the SO pin is
always clocked out on the falling edge of SCK.
–
Output
WP
WRITE PROTECT: The WP pin controls the hardware locking feature of the device. Refer to
section “Protection Commands and Features” on page 13 for more details on protection features
and the WP pin.
The WP pin is not internally pulled-high and cannot be left floating. If hardware controlled locking
will not be used, then the WP pin must be externally connected to V
CC.
Low
Input
HOLD
HOLD: The HOLD pin is used to temporarily pause serial communication without deselecting
or resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on the
SI pin will be ignored, and the SO pin will be in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold
condition to start. A Hold condition pauses serial communication only and does not have an effect
on internally self-timed operations such as a program or erase cycle. Please refer to section “Hold”
on page 27 for additional details on the Hold operation.
The HOLD pin is not internally pulled-high and cannot be left floating. If the Hold function will not
be used, then the HOLD pin must be externally connected to VCC.
Low
Input
VCC
DEVICE POWER SUPPLY: The V
CC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be attempted.
–Power
GND
GROUND: The ground reference for the power supply. GND should be connected to the
system ground.
–Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com