Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT45DB321D_07 Datasheet HTML 43Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 44Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 45Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 46Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
47
3597H–DFLASH–02/07
AT45DB321D [Preliminary]
26. Ordering Information
Note:
1. Consult factory for new designs.
26.1
Green Package Options (Pb/Halide-free/RoHS Compliant)
fSCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
66
15
0.05
AT45DB321D-MU
8M1-A
Industrial
(-40
°C to 85°C)
AT45DB321D-SU
8S2
AT45DB321D-TU
28T
AT45DB321D-MWU8MW
26.2
Legacy Package Options(1)
fSCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
66
15
0.05
AT45DB321D-CNU
8CN3
Industrial
(-40
°C to 85°C)
Package Type
8CN3
8-pad, 6 mm x 8 mm, Chip Array Small Outline No Lead Package (CASON)
8M1-A
8-contact, 6 mm x 5 mm, Very Thin Micro Lead-frame Package (MLF)
8MW
8-contact, 8 mm x 6 mm, Very Thin Micro Lead-frame Package (MLF)
8S2
8-lead, 0.209" wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
28T
28-lead, 8 mm x 13.4 mm, Plastic Thin Small Outline Package, Type I (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com