Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF081A Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT26DF081A
Description  8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF081A Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT26DF081A Datasheet HTML 32Page - ATMEL Corporation AT26DF081A Datasheet HTML 33Page - ATMEL Corporation AT26DF081A Datasheet HTML 34Page - ATMEL Corporation AT26DF081A Datasheet HTML 35Page - ATMEL Corporation AT26DF081A Datasheet HTML 36Page - ATMEL Corporation AT26DF081A Datasheet HTML 37Page - ATMEL Corporation AT26DF081A Datasheet HTML 38Page - ATMEL Corporation AT26DF081A Datasheet HTML 39Page - ATMEL Corporation AT26DF081A Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
3600F–DFLASH–03/07
AT26DF081A
16. Revision History
Revision Level – Release Date
History
A – November 2005
Initial Release
B – March 2006
Added Global Protect and Global Unprotect Feature
- Made various minor text changes throughout document
- Added Global Protect/Unprotect section to document
- Changed Write Status Register section
Removed EPE bit from Status Register
C – April 2006
Changed Note 5 of 8S2 package drawing to generalize terminal plating comment
D – May 2006
Removed “Preliminary” designation.
Changed page and byte program specifications in Section 12.5
- Increased typical page program time from 1.5 ms to 3.0 ms
- Increased maximum page program time from 3.0 ms to 5.0 ms
- Increased typical byte program time from 6 µs to 12 µs
Added footnote (1) to tCHPE parameter in Section 12.5
E – January 2007
Added EPE bit description to the Read Status Register section.
Reduced typical read currents in Section 12.3.
Improved program and erase times in Section 12.5.
- Reduced typical page program time from 3.0 ms to 1.2 ms
- Reduced typical byte program time from 12 µs to 7 µs
- Reduced 32KB typical block erase time from 350 ms to 250 ms
- Reduced 64KB typical block erase time from 700 ms to 400 ms
- Reduced typical Chip Erase time from 10 sec to 6 sec
F – March 2007
Corrected 8S1 package drawing heading from EIAJ SOIC to JEDEC SOIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com