Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT26DF321_06 Datasheet HTML 1Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 2Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 3Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 4Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 5Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 6Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 7Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 8Page - ATMEL Corporation AT26DF321_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
3633C–DFLASH–08/06
AT26DF321 [Preliminary]
3.
Block Diagram
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT26DF321 can be erased in four lev-
els of granularity including a full chip erase. In addition, the array has been divided into physical
sectors of uniform size, of which each sector can be individually protected from program and
erase operations. The size of the physical sectors is optimized for both code and data storage
applications, allowing both code and data segments to reside in their own isolated
regions. Figure 4-1 on page 4 illustrates the breakdown of each erase level as well as the break-
down of each physical sector.
Figure 2-1.
8-SOIC Top View
Figure 2-2.
16-SOIC Top View
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
NC
SCK
SI
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VCC
NC
NC
NC
NC
CS
SO
SCK
SI
NC
NC
NC
NC
GND
WP
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
SO
SI
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP
INTERFACE
CONTROL
AND
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com