Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP216-20PI Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89LP216-20PI
Description  Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216-20PI Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89LP216-20PI Datasheet HTML 82Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 83Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 84Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 85Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 86Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 87Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 88Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 89Page - ATMEL Corporation AT89LP216-20PI Datasheet HTML 90Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
i
3621A–MICRO–6/06
AT89LP216 [Preliminary]
Table of Contents
1.
Description ............................................................................................... 1
2.
Pin Configuration ..................................................................................... 2
2.1 AT89LP216: 16-lead PDIP/SOIC/TSSOP ..............................................................2
3.
Pin Description ......................................................................................... 3
4.
Block Diagram .......................................................................................... 4
5.
Comparison to Standard 8051 ................................................................ 4
5.1 System Clock ..........................................................................................................4
5.2 Instruction Execution with Single-cycle Fetch .........................................................4
5.3 Interrupt Handling ...................................................................................................5
5.4 Timer/Counters .......................................................................................................5
5.5 Serial Port ...............................................................................................................5
5.6 Watchdog Timer .....................................................................................................5
5.7 I/O Ports .................................................................................................................. 5
5.8 Reset ......................................................................................................................6
6.
Memory Organization .............................................................................. 6
6.1 Program Memory ....................................................................................................6
6.2 Data Memory ..........................................................................................................7
7.
Special Function Registers ..................................................................... 8
8.
Enhanced CPU ......................................................................................... 9
8.1 Restrictions on Certain Instructions ......................................................................10
9.
System Clock ......................................................................................... 11
9.1 Crystal Oscillator ...................................................................................................11
9.2 External Clock Source ..........................................................................................11
9.3 Internal RC Oscillator ............................................................................................11
9.4 System Clock Out .................................................................................................11
10. Reset ....................................................................................................... 12
10.1 Power-on Reset ....................................................................................................12
10.2 Brown-out Reset ...................................................................................................14
10.3 External Reset ......................................................................................................14
10.4 Watchdog Reset ...................................................................................................15
10.5 Software Reset .....................................................................................................15
11. Power Saving Modes ............................................................................. 15
11.1 Idle Mode ..............................................................................................................15
11.2 Power-down Mode ................................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com