Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CLT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NIF9N05CLT1
Description  Protected Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CLT1 Datasheet(HTML) 4 Page - ON Semiconductor

  NIF9N05CLT1 Datasheet HTML 1Page - ON Semiconductor NIF9N05CLT1 Datasheet HTML 2Page - ON Semiconductor NIF9N05CLT1 Datasheet HTML 3Page - ON Semiconductor NIF9N05CLT1 Datasheet HTML 4Page - ON Semiconductor NIF9N05CLT1 Datasheet HTML 5Page - ON Semiconductor NIF9N05CLT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NIF9N05CL
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0.3
46
0
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.2
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.7
1.5
1.1
0.9
0.5
50
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 2 A
TJ = 25°C
0.16
75
TJ = 25°C
ID = 2.6 A
VGS = 12 V
1.9
VGS = 10 V
212
1000
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 150°C
TJ = 100°C
VGS = 4 V
100000
1000000
0.24
30
35
810
13
4
6
55
40
0.1
0.2
0.4
0.08
0.12
100
125
10000
5
2
1.3
0.7
45
50
0
6
4
6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
2
6
56
5
3
1
3
0
1
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
TJ = −55°C
4
2.4 V
3.4 V
3.6 V
3.8 V
10
8
VDS ≥ 10 V
VGS = 10, 5 & 4 V
2
4
2
TJ = 100°C
4
17
35
9
2.6 V
2.8 V
3 V
3.2 V
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com