Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CLT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NIF9N05CLT3G
Description  Protected Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CLT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NIF9N05CLT3G Datasheet HTML 1Page - ON Semiconductor NIF9N05CLT3G Datasheet HTML 2Page - ON Semiconductor NIF9N05CLT3G Datasheet HTML 3Page - ON Semiconductor NIF9N05CLT3G Datasheet HTML 4Page - ON Semiconductor NIF9N05CLT3G Datasheet HTML 5Page - ON Semiconductor NIF9N05CLT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NIF9N05CL
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
VDS = 0 V
VGS = 0 V
0
10
10
300
200
100
0
35
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
01
4
1
0
QG, TOTAL GATE CHARGE (nC)
TJ = 25°C
Coss
Ciss
Crss
ID = 2.6 A
TJ = 25°C
500
3
2
3
QGD
QGS
5
400
5
VGS
VDS
15
25
0.8
1
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
0.9
1
3
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Gate Charge
Figure 9. Resistance Switching Time Variation
vs. Gate Resistance
5
4
QT
0.5
0.7
0.6
2
20
Crss
Ciss
Figure 10. Diode Forward Voltage vs. Current
10
RG, GATE RESISTANCE (W)
VDD = 40 V
ID = 2.6 A
VGS = 10 V
td(off)
10000
100000
100
1
10
100
1000
25
30
40
10
0
20
30
50
VGS
VDS
td(on)
tr
tf
ORDERING INFORMATION
Device
Package
Shipping†
NIF9N05CLT1
SOT−223
1000 / Tape & Reel
NIF9N05CLT1G
SOT−223
(Pb−Free)
NIF9N05CLT3
SOT−223
4000 / Tape & Reel
NIF9N05CLT3G
SOT−223
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com