Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RC2 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T89C51RC2
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T89C51RC2 Datasheet HTML 17Page - ATMEL Corporation T89C51RC2 Datasheet HTML 18Page - ATMEL Corporation T89C51RC2 Datasheet HTML 19Page - ATMEL Corporation T89C51RC2 Datasheet HTML 20Page - ATMEL Corporation T89C51RC2 Datasheet HTML 21Page - ATMEL Corporation T89C51RC2 Datasheet HTML 22Page - ATMEL Corporation T89C51RC2 Datasheet HTML 23Page - ATMEL Corporation T89C51RC2 Datasheet HTML 24Page - ATMEL Corporation T89C51RC2 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
21
T89C51RB2/RC2
4105D–8051–10/06
Timer 2
The Timer 2 in the T89C51RB2/RC2 is the standard C52 Timer 2.
It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2
and TL2 are cascaded. It is controlled by T2CON (Table 11) and T2MOD (Table 12)
registers. Timer 2 operation is similar to Timer 0 and Timer 1.C/T2 selects FOSC/12
(timer operation) or external pin T2 (counter operation) as the timer clock input. Setting
TR2 allows TL2 to increment by the selected input.
Timer 2 has 3 operating modes: capture, autoreload and Baud Rate Generator. These
modes are selected by the combination of RCLK, TCLK and CP/RL2 (T2CON).
Refer to the Atmel 8-bit Microcontroller Hardware description for the description of Cap-
ture and Baud Rate Generator Modes.
Timer 2 includes the following enhancements:
•
Auto-reload mode with up or down counter
•
Programmable clock-output
Auto-Reload Mode
The auto-reload mode configures Timer 2 as a 16-bit timer or event counter with auto-
matic reload. If DCEN bit in T2MOD is cleared, Timer 2 behaves as in 80C52 (refer to
the Atmel C51 Microcontroller Hardware description). If DCEN bit is set, Timer 2 acts as
an Up/down timer/counter as shown in Figure 8. In this mode the T2EX pin controls the
direction of count.
When T2EX is high, Timer 2 counts up. Timer overflow occurs at FFFFh which sets the
TF2 flag and generates an interrupt request. The overflow also causes the 16-bit value
in RCAP2H and RCAP2L registers to be loaded into the timer registers TH2 and TL2.
When T2EX is low, Timer 2 counts down. Timer underflow occurs when the count in the
timer registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers.
The underflow sets TF2 flag and reloads FFFFh into the timer registers.
The EXF2 bit toggles when Timer 2 overflows or underflows according to the direction of
the count. EXF2 does not generate any interrupt. This bit can be used to provide 17-bit
resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com