Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C51CC02
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C51CC02 Datasheet HTML 1Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 2Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 3Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 4Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 5Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 6Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 7Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 8Page - ATMEL Corporation AT89C51CC02 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
2
AT/T89C51CC02
4126J–CAN–05/06
Description
Part of the CANary
TM family of 8-bit microcontrollers dedicated to CAN network applica-
tions, the T89C51CC02 is a low-pin count 8-bit Flash microcontroller.
In X2 Mode a maximum external clock rate of 20 MHz reaches a 300 ns cycle time.
Besides the full CAN controller T89C51CC02 provides 16K Bytes of Flash memory
including In-System Programming (ISP), 2K Bytes Boot Flash Memory, 2K Bytes
EEPROM and 512 Bytes RAM.
Special attention is payed to the reduction of the electro-magnetic emission of
T89C51CC02.
Block Diagram
Note:
1. 8 analog Inputs/8 Digital I/O.
2. 2-bit I/O Port.
Timer 0
INT
RAM
256x8
XTAL2
XTAL1
UART
CPU
Timer 1
Ctrl
C51
CORE
Port 1 Port 2 Port 3
Parallel I/O Ports
XRAM
256 x 8
IB-bus
PCA
Watch
Dog
Timer 2
Port 4
10-bit
ADC
Flash
16K x
8
Boot
loader
2K x 8
EE
PROM
2K x 8
CAN
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com