Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RC2-3CSIM Datasheet(PDF) 97 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 95Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 96Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 97Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 98Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 99Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 100Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
97
T89C51RB2/RC2
4105D–8051–10/06
Table 72. Default Values
After programming the part by ISP, the BSB must be cleared (00h) in order to allow the
application to boot at 0000h.
The content of the Software Security Byte (SSB) is described in Table 72 and Table 74.
To assure code protection from a parallel access, the HSB must also be at the required
level.
Table 73. Software Security Byte
The two lock bits provide different levels of protection for the on-chip code and data,
when programmed as shown to Table 74.
Mnemonic
Definition
Default value
Description
SBV
Software Boot Vector
FCh
HSB
Copy of the Hardware security byte
101x 1011b
BSB
Boot Status Byte
0FFh
SSB
Software Security Byte
FFh
Copy of the Manufacturer Code
58h
ATMEL
Copy of the Device ID #1: Family Code
D7h
C51 X2, Electrically Erasable
Copy of the Device ID #2: memories
F7h
T89C51RB2/RC2 32KB
size and type
FBh
T89C51RB2/RC2 16 KB
Copy of the Device ID #3: name and
revision
EFh
T89C51RB2/RC2 32KB,
Revision 0
FFh
T89C51RB2/RC2 16 KB,
Revision 0
76
54
32
1
0
--
---
-
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
Do not clear this bit.
6-
Reserved
Do not clear this bit.
5-
Reserved
Do not clear this bit.
4-
Reserved
Do not clear this bit.
3-
Reserved
Do not clear this bit.
2-
Reserved
Do not clear this bit.
1-0
LB1-0
User Memory Lock Bits
See Table 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com