Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RC2-SLSCM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T89C51RC2-SLSCM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-SLSCM Datasheet(HTML) 3 Page - ATMEL Corporation

  T89C51RC2-SLSCM Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-SLSCM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 117 page
background image
3
T89C51RB2/RC2
4105D–8051–10/06
SFR Mapping
The Special Function Registers (SFRs) of the T89C51RB2/RC2 fall into the following
categories:
•
C51 core registers: ACC, B, DPH, DPL, PSW, SP
•
I/O port registers: P0, P1, P2, P3
•
Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2,
RCAP2L, RCAP2H
•
Serial I/O port registers: SADDR, SADEN, SBUF, SCON
•
PCA (Programmable Counter Array) registers: CCON, CCAPMx, CL, CH, CCAPxH,
CCAPxL (x: 0 to 4)
•
Power and clock control registers: PCON
•
Hardware Watchdog Timer registers: WDTRST, WDTPRG
•
Interrupt system registers: IE0, IPL0, IPH0, IE1, IPL1, IPH1
•
Keyboard Interface registers: KBE, KBF, KBLS
•
SPI registers: SPCON, SPSTR, SPDAT
•
BRG (Baud Rate Generator) registers: BRL, BDRCON
•
Flash register: FCON
•
Clock Prescaler register: CKRL
•
Others: AUXR, AUXR1, CKCON0, CKCON1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com