Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC2 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 17Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 18Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 19Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 20Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 21Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 22Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 23Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 24Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
21
A/T89C51AC2
4127G–8051–05/06
Figure 9. Power-down Exit Waveform Using INT1:0#
2.
Generate a reset.
–
A logic high on the RST pin clears PD bit in PCON register directly and
asynchronously. This starts the oscillator and restores the clock to the CPU
and peripherals. Program execution momentarily resumes with the
instruction immediately following the instruction that activated Power-down
mode and may continue for a number of clock cycles before the internal
reset algorithm takes control. Reset initializes the T89C51CC02 and vectors
the CPU to address 0000h.
Notes:
1. During the time that execution resumes, the internal RAM cannot be accessed; how-
ever, it is possible for the Port pins to be accessed. To avoid unexpected outputs at
the Port pins, the instruction immediately following the instruction that activated the
Power-down mode should not write to a Port pin or to the external RAM.
2. Exit from power-down by reset redefines all the SFRs, but does not affect the internal
RAM content.
Table 14. Pin Conditions in Special Operating Modes
INT1:0#
OSC
Power-down phase
Oscillator restart phase
Active phase
Active phase
Mode
Port 0
Port 1
Port 2
Port 3
Port 4
ALE
PSEN#
Reset
Floating
High
High
High
High
High
High
Idle
(internal
code)
Data
Data
Data
Data
Data
High
High
Idle
(external
code)
Floating
Data
Data
Data
Data
High
High
Power-
Down(inter
nal code)
Data
Data
Data
Data
Data
Low
Low
Power-
Down
(external
code)
Floating
Data
Data
Data
Data
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com