Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RB2-3CSCM Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 63Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 64Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 65Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 66Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 67Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 68Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 69Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 70Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
68
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
DC Parameters for Low
Voltage
TA = 0
°C to +70°C; V
SS = 0V; VCC = 2.7V to 3.6V; F = 10 to 40 MHz
TA = -40
°C to +85°C; V
SS = 0V; VCC = 2.7V to 3.6V; F = 10 to 40 MHz
Notes:
1. Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 26.),
V
IL = VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure
23).
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 24).
3. Power-down I
CC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 25).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typical are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total I
OL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
7. For other values, please contact your sales office.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except RST, XTAL1
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage, RST, XTAL1
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3, 4(6)
0.45
V
I
OL = 0.8 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
I
OL = 1.6 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3, 4
0.9 V
CC
VI
OH = -10 µA
V
OH1
Output High Voltage, port 0, ALE, PSEN
0.9 V
CC
VI
OH = -40 µA
I
IL
Logical 0 Input Current ports 1, 2, 3, 4
-50
µAV
IN = 0.45V
I
LI
Input Leakage Current
±10
µA
0.45V < V
IN < VCC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3,
-650
µAV
IN = 2.0V
R
RST
RST Pulldown Resistor
50
200 (5)
250
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
I
PD
Power-down Current
10 (5)
50
µA
V
CC = 2.7V to
3.6V
(3)
I
CCOP
Power Supply Current on normal mode
0.31 x Frequency (MHz) + 4
mA
V
CC = 3.6V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.2 x Frequency (MHz) + 4
mA
V
CC = 3.6V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com