Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 85Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 86Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 87Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 88Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 89Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 90Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 91Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 92Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
89
AT/T89C51CC02
4126J–CAN–05/06
Time Trigger
Communication (TTC)
and Message Stamping
The T89C51CC02 has a programmable 16-bit Timer (CANTIMH&CANTIML) for mes-
sage stamp and TTC.
This CAN Timer starts after the CAN controller is enabled by the ENA bit in the CANG-
CON register.
Two modes in the timer are implemented:
•
Time Trigger Communication:
–
Capture of this timer value in the CANTTCH & CANTTCL registers on Start
Of Frame (SOF) or End Of Frame (EOF), depending on the SYNCTTC bit in
the CANGCON register, when the network is configured in TTC by the TTC
bit in the CANGCON register.
Note:
In this mode, CAN only sends the frame once, even if an error occurs.
•
Message Stamping
–
Capture of this timer value in the CANSTMPH & CANSTMPL registers of the
message object which received or sent the frame.
–
All messages can be stamps.
–
The stamping of a received frame occurs when the RxOk flag is set.
–
The stamping of a sent frame occurs when the TxOk flag is set.
The CAN Timer works in a roll-over from FFFFh to 0000h which serves as a time base.
When the timer roll-over from FFFFh to 0000h, an interrupt is generated if the ETIM bit
in the interrupt enable register IEN1 is set.
Figure 44. Block Diagram of CAN Timer
EOF on CAN frame
ENA
CANGCON.1
CANTCON
RXOK i
CANSTCH.5
TXOK i
CANSTCH.4
÷ 6
Fcan
CLOCK
SOF on CAN frame
TTC
CANGCON.5
SYNCTTC
CANGCON.4
CANTTCH & CANTTCL
CANSTMPH & CANSTMPL
CANTIMH & CANTIML
OVRTIM
CANGIT.5
When 0xFFFF to 0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com