Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02UA-RATUM Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C51CC02UA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 97Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 103Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
101
AT/T89C51CC02
4126J–CAN–05/06
Table 66. CANBT2 Register
CANBT2 (S:B5h) – CAN bit Timing Registers 2
Note:
1. The CAN controller bit timing registers must be accessed only if the CAN controller is
disabled with the ENA bit of the CANGCON register set to 0.
See Figure 41.
No default value after reset.
76
54
32
1
0
-
SJW 1
SJW 0
-
PRS 2
PRS 1
PRS 0
-
Bit Number
Bit Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6 - 5
SJW1:0
Re-synchronization Jump Width
To compensate for phase shifts between clock oscillators of
different bus controllers, the controller must re-synchronize on any
relevant signal edge of the current transmission.
The synchronization jump width defines the maximum number of
clock cycles. A bit period may be shortened or lengthened by a re-
synchronization.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3 - 1
PRS2:0
Programming Time Segment
This part of the bit time is used to compensate for the physical
delay times within the network. It is twice the sum of the signal
propagation time on the bus line, the input comparator delay and
the output driver delay.
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
Tsjw = Tscl x (SJW [1..0] +1)
Tprs = Tscl x (PRS[2..0] + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com