Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RB2-SLSCM Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT80C51RB2-SLSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSCM Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSCM Datasheet HTML 24Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 25Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 26Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 27Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 28Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 29Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 30Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 31Page - ATMEL Corporation AT80C51RB2-SLSCM Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
29
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 14. PCA Module Modes (CCAPMn Registers)
There are two additional registers associated with each of the PCA modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output (see Table 15 and
Table 16).
Table 15. CCAPnH Registers (n = 0-4)
CCAP0H - PCA Module 0 Compare/Capture Control Register High (0FAh)
CCAP1H - PCA Module 1 Compare/Capture Control Register High (0FBh)
CCAP2H - PCA Module 2 Compare/Capture Control Register High (0FCh)
CCAP3H - PCA Module 3 Compare/Capture Control Register High (0FDh)
CCAP4H - PCA Module 4 Compare/Capture Control Register High (0FEh)
Reset Value = 0000 0000b
Not bit addressable
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function
00000
00
No Operation
X
1000
0
X
16-bit capture by a positive-edge
trigger on CEXn
X
0100
0
X
16-bit capture by a negative trigger
on CEXn
X
1100
0
X
16-bit capture by a transition on
CEXn
10010
0
X
16-bit Software Timer/Compare
mode.
10011
0
X
16-bit High-speed Output
10000
10
8-bit PWM
1001
X
0
X
Watchdog Timer (module 4 only)
765
43210
----
----
Bit
Number
Bit
Mnemonic
Description
7-0
-
PCA Module n Compare/Capture Control
CCAPnH Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com