Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV97 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYV97
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV97 Datasheet(HTML) 6 Page - NXP Semiconductors

  BYV97 Datasheet HTML 1Page - NXP Semiconductors BYV97 Datasheet HTML 2Page - NXP Semiconductors BYV97 Datasheet HTML 3Page - NXP Semiconductors BYV97 Datasheet HTML 4Page - NXP Semiconductors BYV97 Datasheet HTML 5Page - NXP Semiconductors BYV97 Datasheet HTML 6Page - NXP Semiconductors BYV97 Datasheet HTML 7Page - NXP Semiconductors BYV97 Datasheet HTML 8Page - NXP Semiconductors BYV97 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1996 Jun 07
6
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV97 series
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.8
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
012
VF (V)
3
10
IF
(A)
0
8
MGD316
6
4
2
VR =VRRMmax.
Fig.9
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
10 3
10
2
10
1
10 1
200
0
MGC574
100
Tj ( C)
o
IR
(
µA)
Tj =25°C.
For definitions see Fig. 13.
Fig.10 Maximum reverse recovery time as a function of the rate of fall of forward current.
handbook, full pagewidth
MBD439
10 2
10
1
10 1
10
1
t rr
(
µs)
10 1
dl /dt (A/
µs)
F
I
=
F
5 A
1 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com