Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C5132
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C5132 Datasheet HTML 1Page - ATMEL Corporation AT89C5132 Datasheet HTML 2Page - ATMEL Corporation AT89C5132 Datasheet HTML 3Page - ATMEL Corporation AT89C5132 Datasheet HTML 4Page - ATMEL Corporation AT89C5132 Datasheet HTML 5Page - ATMEL Corporation AT89C5132 Datasheet HTML 6Page - ATMEL Corporation AT89C5132 Datasheet HTML 7Page - ATMEL Corporation AT89C5132 Datasheet HTML 8Page - ATMEL Corporation AT89C5132 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 181 page
background image
2
4173D–USB–02/06
AT89C5132
3.
Block Diagram
Figure 3-1.
AT89C5132 Block Diagram
Notes:
1. Alternate function of Port 3
2. Alternate function of Port 4
3. Alternate function of Port 1
8-BIT INTERNAL BUS
Clock and PLL
Unit
C51 (X2 CORE)
RAM
2304 Bytes
Flash
Interrupt
Handler Unit
FILT
X2
X1
MMC
Interface
I/O
MDAT
P0 - P5
10-bit A-to-D
Converter
V
SS
V
DD
Keyboard
Interface
KIN3:0
I2S/PCM
Audio Interface
AVSS
AV
DD
AIN1:0
Ports
INT0
INT1
MOSI
MISO
Timers 0/1
T1
T0
SPI/DataFlash
Controller
MCLK
MCMD
SCK
RST
AREF
DSEL
DCLK
SCLK
DOUT
64K Bytes
USB
Controller
D+
D-
UART
RXD
TXD
IDE
Interface
SS
Watchdog
Flash Boot
4K Bytes
UVSS
UV
DD
and
BRG
11
11
1
1
2
222
3
TWI
Controller
SCL SDA
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com