Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5132
Description  USB USB Microcontroller with 64K Bytes Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5132 Datasheet HTML 17Page - ATMEL Corporation AT89C5132 Datasheet HTML 18Page - ATMEL Corporation AT89C5132 Datasheet HTML 19Page - ATMEL Corporation AT89C5132 Datasheet HTML 20Page - ATMEL Corporation AT89C5132 Datasheet HTML 21Page - ATMEL Corporation AT89C5132 Datasheet HTML 22Page - ATMEL Corporation AT89C5132 Datasheet HTML 23Page - ATMEL Corporation AT89C5132 Datasheet HTML 24Page - ATMEL Corporation AT89C5132 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
25
AT89C5132
4173CS–USB–07/04
Figure 2. External 8-bit Bus Cycle – Data Write Waveforms
External IDE 16-bit Bus Cycles
Definition of Symbols
Table 4. External IDE 16-bit Bus Cycles Timing Symbol Definitions
Timings
Test conditions: capacitive load on all pins = 50 pF.
T
WHLH
T
AVWL
T
LLAX
T
WHQX
P2
P0
WR
ALE
T
LHLL
T
WLWH
A15:8
T
AVLL
T
QVWH
D7:0
Data Out
T
LLWL
A7:0
Signals
Conditions
A
Address
H
High
D
Data In
L
Low
LALE
V
Valid
Q
Data Out
X
No Longer Valid
RRD
ZFloating
WWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com