Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5121 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5121
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5121 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5121 Datasheet HTML 17Page - ATMEL Corporation AT89C5121 Datasheet HTML 18Page - ATMEL Corporation AT89C5121 Datasheet HTML 19Page - ATMEL Corporation AT89C5121 Datasheet HTML 20Page - ATMEL Corporation AT89C5121 Datasheet HTML 21Page - ATMEL Corporation AT89C5121 Datasheet HTML 22Page - ATMEL Corporation AT89C5121 Datasheet HTML 23Page - ATMEL Corporation AT89C5121 Datasheet HTML 24Page - ATMEL Corporation AT89C5121 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
21
A/T8xC5121
4164G–SCR–07/06
Table 6. ISEL Register
ISEL (S:BAh)
Interrupt Enable Register
Reset Value = 0X00 0000b
76
54
32
1
0
CPLEV
-
RXIT
PRESIT
OELEV
OEEN
RXEN
PRESEN
Bit
Number
Bit
Mnemonic
Description
7
CPLEV
Card presence detection level
This bit indicates which CPRES level will bring about an interrupt
Set this bit to indicate that Card Presence IT will appear if CPRES is at high
level.
Clear this bit to indicate that Card Presence IT will appear if CPRES is at low
level.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
PRESIT
Card presence detection interrupt flag
Set by hardware
Must be cleared by software
4RXIT
Received data interrupt flag
Set by hardware
Must be cleared by software
3
OELEV
OE/INT1 signal active level
Set this bit to indicate that high level is active.
Clear this bit to indicate that low level is active.
2OEEN
OE/INT1 interrupt disable bit
Clear to disable INT1 interrupt
Set to enable INT1 interrupt
1
PRESEN
Card presence detection interrupt enable bit
Clear to disable the card presence detection interrupt coming from SCIB.
Set to enable the card presence detection interrupt coming from SCIB.
0RXEN
Received data Interrupt enable bit
Clear to disable the RxD interrupt.
Set to enable the RxD interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com