Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS2D3P04M8L Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NVMFS2D3P04M8L
Description  isc P-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NVMFS2D3P04M8L Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NVMFS2D3P04M8L Datasheet HTML 1Page - Inchange Semiconductor Company Limited NVMFS2D3P04M8L Datasheet HTML 2Page - Inchange Semiconductor Company Limited NVMFS2D3P04M8L Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc P-Channel MOSFET Transistor
NVMFS2D3P04M8L
www.iscsemi.com
2023-9-8
22
·
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID=-0.5mA
-40
-
-
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS; ID= -2.7mA
-0.7
-
-2.4
V
RDS(ON)
Drain-Source On-stage Resistance
VGS=-10V; ID=-30A
-
1.6
2.2
m
RDS(ON)
Drain-Source On-stage Resistance
VGS=-4.5V; ID=-10A
-
2.1
3.3
m
IGSS
Gate Source Leakage Current
VGS=±20V;VDS=0
-
-
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-40V; VGS=0
-
-
-1.0
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = -20V,
f = 1.0MHz
-
5985
-
pF
Coss
Output Capacitance
-
4228
-
Crss
Reverse Transfer Capacitance
-
88
-
Qg
Total Gate Charge
VDD = -20V,
ID = -50A,
VGS = -10V
-
13.9
-
nC
Qgs
Gate-Source Charge
-
26.2
-
Qgd
Gate-Drain Charge
-
17.8
-
td(on)
Turn-on Delay Time
VGS = −4.5 V,
VDS = −20 V,
ID = −50 A,
RG = 2.5Ω
-
16.3
-
ns
tr
Turn-on Rise Time
-
57.4
-
td(off)
Turn-off Delay Time
-
508
-
tf
Turn-off Fall Time
-
373
-
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
VGS=0V,IS=-15A
-
-0.72
-1.2
V
trr
Reverse Recovery Time
VGS =0V,
dls/dt=100 A/s,
Is = −50 A
-
159
-
ns
Qrr
Reverse Recovery Charge
-
536
-
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com