Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV98 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV98
Description  Fast soft-recovery rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV98 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV98 Datasheet HTML 1Page - NXP Semiconductors BYV98 Datasheet HTML 2Page - NXP Semiconductors BYV98 Datasheet HTML 3Page - NXP Semiconductors BYV98 Datasheet HTML 4Page - NXP Semiconductors BYV98 Datasheet HTML 5Page - NXP Semiconductors BYV98 Datasheet HTML 6Page - NXP Semiconductors BYV98 Datasheet HTML 7Page - NXP Semiconductors BYV98 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Jun 07
3
Philips Semiconductors
Product specification
Fast soft-recovery rectifier
BYV98
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.11.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 2 A; Tj =Tj max; see Fig. 8
−−
2.2
V
IF = 2 A; see Fig. 8
−−
2.4
V
IR
reverse current
VR =VRRMmax; see Fig. 9
−−
5
µA
VR =VRRMmax; Tj = 125 °C;
see Fig. 9
−−
50
µA
trr
reverse recovery time
when switched from IF = 0.5 A
to IR = 1 A; measured at
IR = 0.25 A; see Fig. 12
−−
300
ns
Cd
diode capacitance
f = 1 MHz; VR = 0 V; see Fig 10
−
30
−
pF
maximum slope of
reverse recovery current
when switched from IF = 1 A to
VR ≥ 30 V and dIF/dt = −1A/µs;
see Fig.13
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
dI
R
dt
--------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com