Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB20H04 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB20H04
Description  4-PORT USB 2.0 HUB CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB20H04 Datasheet HTML 5Page - SMSC Corporation USB20H04 Datasheet HTML 6Page - SMSC Corporation USB20H04 Datasheet HTML 7Page - SMSC Corporation USB20H04 Datasheet HTML 8Page - SMSC Corporation USB20H04 Datasheet HTML 9Page - SMSC Corporation USB20H04 Datasheet HTML 10Page - SMSC Corporation USB20H04 Datasheet HTML 11Page - SMSC Corporation USB20H04 Datasheet HTML 12Page - SMSC Corporation USB20H04 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
4-Port USB 2.0 Controller
Datasheet
SMSC USB20H04
Page 9
Revision 1.63 (03-30-07)
DATASHEET
Chapter 4
Interface Signal Definition
4.1
Pin Descriptions
Table 4.1 - System Interface Signals
NAME
BUFFER
TYPE
ACTIVE
LEVEL
DESCRIPTION
RESET_N
IS
Low
Chip Reset. The minimum active low pulse is 100ns. See section 8.4 for a
complete description of operation following a reset.
SELF_PWR
I
High
Self-power Detect. Detects availability of local self-power source:
0: Self/local power source is NOT available (i.e., 4- Port Hub gets all power
from Upstream USB VBUS).
1: Self/local power source is available.
TEST_P0
IPD
N/A
Test Pin. Do Not Connect
TEST_P1
IPD
N/A
Test Pin. Do Not Connect
TEST_P2
IPD
N/A
Test Pin. Do Not Connect
TEST_P3
IPD
N/A
Test Pin. Do Not Connect
ATEST
AO
N/A
Test Pin. Do Not Connect
Table 4.2 – Configuration Select and Serial Port Interface
NAME
BUFFER
TYPE
ACTIVE
LEVEL
DESCRIPTION
SMB_SEL_N
I
N/A
SMBus Select. Selects between configuration via the SMBus interface, or
from an external EEPROM or using the internal default, as described in
the table below.
SMB_SEL_N
CS/EE_SEL
SMBus or EEPROM interface
configuration.
0
0
SMBus slave. Address: 0101100
0
1
SMBus slave. Address: 0101101
1
0
Internal default configuration.
1
1
2-wire EEPROM interface.
CS/EE_SEL
IO8
N/A
Chip Select. This multifunction pin is sampled on the rising edge of
RESET_N. If SMB_SEL_N = 1, the internal default configuration will be
used when this pin is low, or the external I2C EEPROM will supply the
configuration when this pin is high. When SMB_SEL_N = 0, this pin
selects the SMBus slave address, as described in the table above.
Connect a 1k ohm resistor in series with the input when connecting this
pin to either VDD or VSS.
SD/SDA
IOSD12
N/A
Serial Data. Data I/O on the 2-Wire interface.
SCK/SCL
IOSD12
N/A
Serial Clock. Clock for the 2-Wire interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com